PART |
Description |
Maker |
ADG738BRU ADG739BRU ADG738 ADG739 |
CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches 8-CHANNEL, AUDIO/VIDEO SWITCH, PDSO16 2.5 ohms, Low-Voltage, 3-Wire Serially-Controlled, Dual 4 Channel Matr CMOS, Low Voltage, Single 8 to 1 Multiplexer, Serially Controlled Matrix Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG729 |
CMOS , Low Voltage, 2 Wire, Serially Controlled Matrix Switches(CMOS,低电二线,串行控制四通道矩阵开
|
Analog Devices, Inc.
|
ADG715BRUZ ADG714BRU-REEL7 ADG714BRUZ-REEL ADG714B |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
|
Analog Devices
|
ADG738BRUZ |
CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
|
Analog Devices
|
MAX350C/D MAX349C/D MAX350 MAX349-MAX350 |
Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers 串行控制,低电压-Channel/Dual 4通道多路复用 Serially Controlled / Low-Voltage / 8-Channel/Dual 4-Channel Multiplexers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX349-MAX350 MAX350 MAX350CAP MAX350CPN MAX350CWN |
From old datasheet system Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
|
MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
27HC64L-55/J 27HC64L-55/K 27HC64L-55I/L 27HC64L-55 |
Low-Voltage, Quad, SPST CMOS Analog Switches Quad, SPST Analog Switch 2.5O, Dual, SPST, CMOS Analog Switches Evaluation Kit for the MAX459 Low-Voltage, Combination Single-Ended 8-to-1 Differential 4-to-1 Multiplexer Low-Voltage, CMOS Analog Multiplexers/Switches x8存储 x8 EPROM x8存储 8x4 Video Crosspoint Switches with Buffers x8存储
|
Ecliptek, Corp. Fairchild Semiconductor, Corp. Austin Semiconductor, Inc
|
TS9009SCX5 TS9009 TS90095CX5 TS9009NCX5 TS9009PCX5 |
Analog IC: Low Drop Out Voltage Regulators 80mA CMOS Low Dropout Voltage Regulator with Enable 80mA的CMOS低压差线性稳压器的启
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|